PART |
Description |
Maker |
PS7841C-A11 PS7841C-A15 |
3 Phase Driver, Soft Turn-on, Inverting Input Separate High and Low Side Inputs, 200ns Deadtime.; A IR21366 packaged in a Lead-Free 28-Lead SOIC Single Low Side Driver, Current Limiting, Programmable Shutdown Error Pin in a 8-pin DIP package; A IR2121 packaged in a Lead-Free 8-Lead PDIP
|
NEC, Corp.
|
5972 |
24 Lead SSOP Test Clip 0.65 mm Lead Pitch
|
Pomona Electronics
|
3T064A 3T064B 3T072B 3T150A 3T310B 3T350A 3T310A 3 |
300V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 220V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 190V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 160V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 140V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 120V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 65V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 275V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 58V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 75V 1A surface mount and axial lead two terminal thyristor (3T) surge suppressor
|
MDE Semiconductor, Inc.
|
LBP473 LBP473-N1P2-35 |
SINGLE COLOR LED, BLUE, 1.6 mm LEAD FREE, SMT, 2 PIN Lead (Pb) Free Product RoHS Compliant
|
TE Connectivity, Ltd. OSRAM GmbH
|
S419-06 S424-06 |
1mm Blade Vertical Tab, reeled, 0.64mm thick, tin/lead BRASS, TIN LEAD FINISH, PCB TERMINAL 3.6mm Blade Vertical Test Point Terminal, 0.8mm thick, reeled, tin/lead
|
Harwin PLC HARWIN INC
|
HI5714 HI5714_4CB HI5714_6CB HI5714_8CB HI5714EVAL |
INSULATOR FOR TO-18 INSUL/16 LEAD DIP .3IN .03IN DISCRETE COMPONENT AND CAPACITOR MOUNT, LEAD SPACE=.100(2.5) OVERALL HEIGHT=.045(1.1), MOLDED FROM 94V-2 NYLON PER ASTM D 4066 RoHS Compliant: Yes 8-Bit, 40/60/75/80 MSPS A/D Converter From old datasheet system
|
INTERSIL[Intersil Corporation]
|
PS7801-A-F3 PS7801 PS7801-A-F4 PS7801-1A |
LEAD FREE A6279 SOIC 邻舍4针超小型平引脚,低输出电通道光学耦合MOSFET LEAD FREE A6279ELP-T WITH TAPE & REEL LEAD FREE A6279ELW-T WITH TAPE & REEL NECs 4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET NECs 4-PIN ULTRA SMALL FLAT-LEAD / LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET NECs 4-PIN ULTRA SMALL FLAT-LEAD LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
|
NEC, Corp. NEC Corp. NEC[NEC]
|
AM2971ALCB AM2971ALE AM2971DE AM2971DC AM2971A/BJA |
High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a Lead-Free 16-Lead SOIC User Programmable Special Function ASIC High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a 16-Lead SOIC High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a Lead-Free 14-Lead PDIP High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a 14-Lead PDIP High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2110 packaged in a Lead-Free 16-Lead PDIP -2 Lead High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2110 packaged in a 14-Lead PDIP Half Bridge Driver, Soft Turn-On, All High Voltage Pins on One Side, Separate High and Low Side Inputs, Programmable 0.5-5us Deadtime in a 14-pin DIP package; A IR21084 packaged in a Lead-Free 14-Lead SOIC 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package; A IR2135 packaged in a Lead-Free mod. 44-Lead PLCC 用户可编ASIC的特殊功 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package; A IR2135 packaged in a 28-Lead SOIC 用户可编程ASIC的特殊功
|
Amphenol, Corp.
|
LC4032ZE-4TN48C LC4032ZE-7TN48I LC4128ZE-5MN144C |
EE PLD, 4.4 ns, PQFP48 LEAD FREE, TQFP-48 EE PLD, 7.5 ns, PQFP48 LEAD FREE, TQFP-48 EE PLD, 5.8 ns, PBGA144 0.5 MM PITCH, LEAD FREE, CSBGA-144
|
Lattice Semiconductor, Corp.
|
|